Part Number Hot Search : 
TPC43 FZT2907A PQ1CG303 AD8250 228M00 BC847 M108I 74AC299
Product Description
Full Text Search
 

To Download F2502RW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F2500RW Series
2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 25W-30W Output Power * 2:1 Input Voltage Range * 1,500 VDC Isolation * Meets EN55022 Class A * Compact 2 x 1.6 In. Case * Single & Dual Outputs * Remote ON/OFF * Industry Standard Pin-Out
Input Parameter Input Start Voltage
Under Voltage Shutdown Input Filter Reverse Polarity Input Current Short Circuit Input Power
Conditions Min. Typ. Max. 12 VDC Input 8.6 8.8 9.0 24 VDC Input 17.0 17.5 18.0 48 VDC Input 34.0 35.0 36.0 12 VDC Input 8.1 8.3 8.5 24 VDC Input 16.0 16.5 17.0 48 VDC Input 32.0 33.0 34.0 (Pi) Filter (Meets EN55022 Class "A") 2.0 4,500 Conditions Dual Output , Balanced Loads For Vin Min to Max Iout = 50% to 100% Over Line, Load & Temp. 110 25% Load Step Change 150 2.0 0.01 Continuous (Autorecovery) Min. 1,500 1,000 290 107 Min. 2.5 -1.0 Typ. Min. Typ. 0.5 0.5 0.1 0.1 55 Max. 1.0 2.0 0.3 0.5 80 100 160 300 4.0 0.02
Units VDC
VDC
A mW Units % % % % mV P - P mV P - P % Sec % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20 MHz) (Note 1) Ripple & Noise (20 MHz) Output Power Protection Transient Recovery Time (Note 2) Transient Response Deviation Temperature Coefficient Output Short Circuit
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Over Temperature Protection Remote On/Off (Note 3) Parameter Supply On Supply Off Standby Input Current Control Common Conditions 60 Seconds 500 VDC 100 kHz, 1V Case Temperature Conditions Max. Units VDC M pF kHz C
1,200 330 112 Typ.
1,500 360 117
Max. Units 100.0 VDC 1.0 VDC 5 mA Referenced to Negative Input (pin 2) Max. +50 +105 +125 95 Units C C C %
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity Physical Case Size Case Material Weight Conditions Min. Typ. -40 -40 -50 Free Air Convection RH, Non-condensing Ambient Case
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
2.0 x 1.6 x 0.37 Inches (50.8 x 40.6 x 9.3 mm) Metal with Non-Conductive Base 1.75 Oz (48g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 12 VDC Input 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 1,000 Min. -0.7 -0.7 -0.7 Typ. Max. Units kHours Units VDC C mW
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Typ. Max. 25.0 50.0 100.0 260 5,500
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
Model Selection Guide
Model Number F2501RW F2502RW F2503RW F2504RW F2505RW F2506RW F2511RW F2512RW F2513RW F2514RW F2515RW F2516RW F2521RW F2522RW F2523RW F2524RW F2525RW F2526RW Input Voltage (VDC) Nominal Range 12 9.0 - 18.0 12 9.0 - 18.0 12 9.0 - 18.0 12 9.0 - 18.0 12 9.0 - 18.0 12 9.0 - 18.0 24 18.0 - 36.0 24 18.0 - 36.0 24 18.0 - 36.0 24 18.0 - 36.0 24 18.0 - 36.0 24 18.0 - 36.0 48 36.0 - 75.0 48 36.0 - 75.0 48 36.0 - 75.0 48 36.0 - 75.0 48 36.0 - 75.0 48 36.0 - 75.0
www.micropowerdirect.com
Over Output Capacitive Fuse Rating Voltage Efficiency Current (mA) Load Slow-Blow Voltage Current Current Protection (%, Typ) (F Max) (mA) Full-Load No-Load (VDC) (mA, Max) (mA, Min) (VDC) 1,867 40 3.3 5,500 400.0 3.9 81 470 6,000 2,480 40 5.0 5,000 350.0 6.8 84 470 6,000 2,841 40 12.0 2,500 166.0 15.0 88 470 6,000 2,841 40 15.0 2,000 133.0 18.0 88 470 6,000 2,841 40 12.0 1,250 83.0 15.0 88 220 6,000 2,841 40 15.0 1,000 65.0 18.0 88 220 6,000 922 20 3.3 5,500 400.0 3.9 82 470 3,000 1,225 20 5.0 5,000 350.0 6.8 85 470 3,000 1,404 20 12.0 2,500 166.0 15.0 89 470 3,000 1,404 20 15.0 2,000 133.0 18.0 89 470 3,000 1,404 20 12.0 1,250 83.0 15.0 89 220 3,000 1,404 20 15.0 1,000 65.0 18.0 89 220 3,000 461 10 3.3 5,500 400.0 3.9 82 470 1,500 613 10 5.0 5,000 350.0 6.8 85 470 1,500 702 10 12.0 2,500 166.0 15.0 89 470 1,500 702 10 15.0 2,000 133.0 18.0 89 470 1,500 702 10 12.0 1,250 83.0 15.0 89 220 1,500 702 10 15.0 1,000 65.0 18.0 89 220 1,500
For Heatsink Option, add suffix "H" to model number (i.e. F2503RW-H)
Notes: 1. When measuring output ripple, it is recommended that an external 1.0 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive applications, the use of 4.7 F capacitors will reduce the output ripple. The maximum rms value of the output ripple is 10 mV. 2. Transient recovery is measured to within a 1% error band for a 75-100% load change. 3. The maximum sink current at the on/off pin (pin 4) during a logic low is 100 A. The maximum allowable leakage current of a switch connected to the on/off pin (Pin 4) at logic high (2.5V to 100V) is 5 A. If the on/off pin (Pin 4) is left open, the unit operates. If it is grounded, the unit will shut off. 4. No load operation will not damage these units, but they may not meet all spec's. 5. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 6. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recommended that a low Equivalent Series Resistance (ESR <1.0 at 100 kHz) capacitor be mounted close to the converter. A 33 F is recommended for 24V input models and a 10 F for 48V units. 7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Mechanical Dimensions
External Trim
A simple external circuit may be used to adjust the converter output. To adjust the output DOWN, connect a 5%, 3W resistor between the plus output pin and the Vout trim pin. To adjust the output UP, connect a 5%, 3W resistor between the minus output pin and the Vout trim pin. To calculate the correct resistor value use: UP Radj = (33 x Vout) - (30 x Vadj) Vadj - Vout (36.667 x Vout) - (33 x Vout) Vout - Vadj
Pin Connections
Pin Single Dual 1 +Vin +Vin 2 -Vin -Vin 4 ON/OFF ON/OFF 5 No Pin +Vout Pin Single 6 +Vout 7 -Vout 8 Trim Dual Comm. -Vout Trim Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
Heatsink Dimensions (Optional)
Down Radj = For UP/Down trimming capability, connect a 10 kW potentiometer between the plus and minus outputs with the wiper arm connected to the Vout trim pin.
Derating Curves
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
*
Heatsink Notes:
* Use of the heatsink will extend the units operating temperature range by approximately 10C. * The heatsink is black anodized aluminum. FAX: (781) 344-8481
*
TEL: (781) 344-8226
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of F2502RW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X